2N2905AL bipolar pnp device. v ceo = 60v i c = 0.6a all semelab hermetically sealed products can be processed in accordance with the requirements of bs, cecc and jan, jantx, jantxv and jans specifications parameter test conditions min. typ. max. units v ceo * 60 v i c(cont) 0.6 a h fe @ 10/0.15 (v ce / i c ) 100 300 - f t 200m hz p d 0.6 w * maximum working voltage this is a shortform datasheet. for a full datasheet please contact sales@semelab.co.uk . semelab plc reserves the right to change test conditions, parameter limits and package dimensions without notice. information f urnished by semelab is believed to be both accurate and reliable at the time of going to press. however semelab assumes no responsibility for any errors or omi ssions discovered in its use. generated 20-au g -02 bipolar pnp device in a hermetically sealed to5 metal package. semelab plc. telephone +44(0)1455) 556565. fax +44(0)1455) 552612. e-mail: sales@semelab.co.uk website: http://www.semelab.co.uk dimensions in mm (inches). 0.89 (0.035) max. 38.00 (1.5) min. 0.41 (0.016) 0.53 (0.021) dia. 5.08 (0.200) typ. 0.71 (0.028) 0.86 (0.034) 2.54 (0.100) 45 6.10 (0.240) 6.60 (0.260) 8.51 (0.34) 9.40 (0.37) 7.75 (0.305) 8.51 (0.335) 1 2 3 0.74 (0.029) 1.14 (0.045) to5 (to205aa) pinouts 1 ? emitter 2 ? base 3 ? collector
|